Part Number Hot Search : 
38999 E712531 EPS448 74HC540 C1226A 00TTS EUA6011 74HC699
Product Description
Full Text Search
 

To Download BAS40WS-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas40ws 1 of 3 ? 2006 won-top electronics pb bas40ws surface mount schottky barrier diode features ! low turn-on voltage ! fast switching a ! pn junction guard ring for transient and esd protection ! designed for surface mount application c ! plastic material ? ul recognition flammability d classification 94v-o b  e mechanical data ! case: sod-323, molded plastic ! terminals: plated leads solderable per mil-std-202, method 208 ! polarity: cathode band ! weight: 0.004 grams (approx.) ! marking: s40 h ! lead free: for rohs / lead free version, add ?-lf? suffix to part number, see page 3 maximum ratings @t a =25c unless otherwise specified characteristic symbol bas40ws unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 40 v forward continuous current (note 1) i f 200 ma forward surge current @ t < 1.0s i fsm 600 ma power dissipation (note 1) p d 200 mw typical thermal resistance, junction to ambient air (note 1) r  ja 625 c/w operating and storage temperature range t j , t stg -55 to +125 c electrical characteristics @t a =25c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage v (br)r 40 ? ? v @ i r = 10a forward voltage v f ?? 380 500 1000 mv @ i f = 1.0ma, t < 300s @ i f = 10ma, t < 300s @ i f = 40ma, t < 300s reverse leakage current i r ? 20 200 na @ v r = 30v, t < 300s junction capacitance c j ?4.05.0pf v r = 0v, f = 1.0mhz reverse recovery time t rr ??5.0ns i f = 10ma through i r = 10ma to i r = 1.0ma, r l = 100  note: 1. device on fiberglass substrate. wte power semiconductors sod-323 dim min max a 2.30 2.70 b 1.75 1.95 c 1.15 1.35 d 0.25 0.35 e 0.05 0.15 g 0.70 0.95 h 0.30 ? all dimensions in mm g
bas40ws 2 of 3 ? 2006 won-top electronics marking information recommended footprint packaging information reel diameter (mm) quantity (pcs) inner box size l x w x h (mm) quantity (pcs) carton size l x w x h (mm) quantity (pcs) approx. gross weight (kg) 178 5,000 187 x 187 x 65 25,000 390 x 240 x 420 250,000 10.0 cathode = polarity band s40 = device code s40 0.025 (0.63) inches ( mm ) 0.033 (0.83) 0.063 (1.60) 178mm product id label 8mm direction of unreeling 8mm 4mm 1.6mm note: 1. anti-static plastic reel, white, water clear or blue color. inspection hole might be varied in different alignment. 2. components are packed in accordance with eia standard 481-1 and 481-2. inspection hole tape & reel 4mm
bas40ws 3 of 3 ? 2006 won-top electronics ordering information product no. package type shipping quantity BAS40WS-T1 sod-323 5000/tape & reel 1. shipping quantity given is for minimum packing quantity only. for minimum order quantity, please consult the sales department. 2. to order rohs / lead free version (with lead free finish), add ?-lf? suffix to part number above. for example, BAS40WS-T1-lf . won-top electronics co., ltd (wte) has checked all information carefully and believes it to be correct and accurate. however, w te cannot assume any responsibility for inaccuracies. furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. wte reserves the right to change any or all information herein without further notice. warning : do not use in life support equipment. wte power semiconductor products are not authorized for use as critical components in l ife support devices or systems without the express written approval. we power your everyday. won-top electronics co., ltd. no. 44 yu kang north 3rd road, chine chen dist., kaohsiung, taiwan phone: 886-7-822-5408 or 886-7-822-5410 fax: 886-7-822-5417 email: sales@wontop.com internet: http://www.wontop.com


▲Up To Search▲   

 
Price & Availability of BAS40WS-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X